Part Number Hot Search : 
BU2532AL 75N03 C1470 2SB1052 SC9200AS 22000 1A66B MK3722
Product Description
Full Text Search
 

To Download BAT54C-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT54 /A /C /S
SURFACE MOUNT SCHOTTKY BARRIER DIODE Features
* * * Low Turn-on Voltage Fast Switching PN Junction Guard Ring for Transient and ESD Protection
TOP VIEW
SOT-23
A
Dim A
B C
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.85 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.80 8
B C D E G
Mechanical Data
* * * * * * * * Case: SOT-23, Molded Plastic Case material - UL Flammability Rating Classification 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagrams Below Weight: 0.008 grams (approx.) Marking Code: See Diagrams Below Ordering Information: See Page 3
E
D G H K J D L M
H J K L M a
All Dimensions in mm
BAT54 Marking: KL1
BAT54A Marking: KL2 @ TA = 25C unless otherwise specified
BAT54C Marking: KL3
BAT54S Marking: KL4
Maximum Ratings
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current (Note 2) Repetitive Peak Forward Current Forward Surge Current Power Dissipation (Note 2) Thermal Resistance, Junction to Ambient Air (Note 2) Operating and Storage Temperature Range @ t < 1.0s
Symbol VRRM VRWM VR IF IFRM IFSM Pd RqJA Tj, TSTG
Value 30 200 300 600 200 500 -65 to +125
Unit V mA mA mA mW C/W C
Electrical Characteristics @ TA = 25C unless otherwise specified
Characteristic Reverse Breakdown Voltage (Note 1) Symbol V(BR)R Min 30 3/4 3/4 3/4 3/4 Typ 3/4 3/4 3/4 3/4 3/4 Max 3/4 240 320 400 500 1000 2.0 10 5.0 Unit V Test Condition IRS = 100mA IF = 0.1mA IF = 1mA IF = 10mA IF = 30mA IF = 100mA VR = 25V VR = 1.0V, f = 1.0MHz IF = 10mA through IR = 10mA to IR = 1.0mA, RL = 100W
Forward Voltage (Note 1)
VF IR CT trr
mV
Reverse Leakage Current (Note 1) Total Capacitance Reverse Recovery Time Notes:
mA pF ns
1. Short duration pulse test used to minimize self-heating effect. 2. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
DS11005 Rev. 12 - 2
1 of 3
BAT54 /A /C /S
IF, INSTANTANEOUS FORWARD CURRENT (mA)
1000
PD, POWER DISSIPATION (mW)
200
100
TA = +100C TA = +125C
10
100
1
TA = +25C
TA = -25C
0
0
25
50
75
100
125
0.1 0 100 200 300 400 500 600 Tj, INSTANTANEOUS FORWARD VOLTAGE (mV) Fig. 2, Typical Forward Characteristics
TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Derating Curve
IR, LEAKAGE CURRENT (A)
1000
VR = 25V
100 10
1 0.1
0
50
100
150
Tj, JUNCTION TEMPERATURE (C) Fig. 3, Typical Reverse Characteristics
DS11005 Rev. 12 - 2
2 of 3
BAT54 /A /C /S
Ordering Information
Device BAT54-7 BAT54A-7 BAT54C-7 BAT54S-7 Notes:
(Note 3) Packaging SOT-23 Shipping 3000/Tape & Reel
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
XXX = Product Type Marking Code (See Page 1) YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year Code Month Code Jan 1 2001 M Feb 2 March 3 Apr 4 2002 N May 5 Jun 6 2003 P Jul 7 Aug 8 2004 R Sep 9 Oct O Nov N 2005 S Dec D
DS11005 Rev. 12 - 2
YM
3 of 3
BAT54 /A /C /S


▲Up To Search▲   

 
Price & Availability of BAT54C-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X